Part Number Hot Search : 
5253B 12GR5S PSB2115F NC7NZ04 UPG2053K 10241 UERP20D C3026
Product Description
Full Text Search
 

To Download DL4751A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente dl47xxa series 1w , melf surface mount zener diodes 15-dec-2011 rev. c page 1 of 3 rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? zener voltage range 3.3 to 56 volts ? melf package (jedec do-213ab) ? surface mount devices (smd) ? hermetically sealed glass ? compression bonded construction ? all external surfaces are corrosion resistant and terminals are readily solderable ? matte tin (sn) lead finish ? color band indicates negative polarity absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit thermal resistance junction to ambient r ja 170 c / w power dissipation p d 1 w operating and storage temperature range t j , t stg 175, -65~200 c notes: 1. these ratings are limiting values above which the service ability of the diode may be impaired. melf b a c c millimete r ref. min. max. a 4.80 5.20 b 2.39 2.66 c 0.41 0.55
elektronische bauelemente dl47xxa series 1w , melf surface mount zener diodes 15-dec-2011 rev. c page 2 of 3 electrical ratings (t a =25c unless otherwise specified) notes: 1. the device numbers listed have a standard tole rance on the nominal zener voltage of 5%. 2. the zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed to i zt or i zk . zener voltage range zener impedance leakage current v z @ i zt i zt z zt @ i zt i zk z zk @ i zk i r @ v r v r type number nom(v) ma ? (max) a(max) v dl4728a 3.3 76 10 1 400 100 1 dl4729a 3.6 69 10 1 400 100 1 dl4730a 3.9 64 9 1 400 50 1 dl4731a 4.3 58 9 1 400 10 1 dl4732a 4.7 53 8 1 500 10 1 dl4733a 5.1 49 7 1 550 10 1 dl4734a 5.6 45 5 1 600 10 2 dl4735a 6.2 41 2 1 700 10 3 dl4736a 6.8 37 3.5 1 700 10 4 dl4737a 7.5 34 4 0.5 700 10 5 dl4738a 8.2 31 4.5 0.5 700 10 6 dl4739a 9.1 28 5 0.5 700 10 7 dl4740a 10 25 7 0.25 700 10 7.6 dl4741a 11 23 8 0.25 700 5 8.4 dl4742a 12 21 9 0.25 700 5 9.1 dl4743a 13 19 10 0.25 700 5 9.9 dl4744a 15 17 14 0.25 700 5 11.4 dl4745a 16 15.5 16 0.25 700 5 12.2 dl4746a 18 14 20 0.25 700 5 13.7 dl4747a 20 12.5 22 0.25 750 5 15.2 dl4748a 22 11.5 23 0.25 750 5 16.7 dl4749a 24 10.5 25 0.25 750 5 18.2 dl4750a 27 9.5 35 0.25 750 5 20.6 DL4751A 30 8.5 40 0.25 1000 5 22.8 dl4752a 33 7.5 45 0.25 1000 5 25.1 dl4753a 36 7 50 0.25 1000 5 27.4 dl4754a 39 6.5 60 0.25 1000 5 29.7 dl4755a 43 6 70 0.25 1500 5 32.7 dl4756a 47 5.5 80 0.25 1500 5 35.8 dl4757a 51 5 95 0.25 1500 5 38.8 dl4758a 56 4.5 110 0.25 2000 5 42.6 v f forward voltage=1.2v maximum @ i f =200ma for all types
elektronische bauelemente dl47xxa series 1w , melf surface mount zener diodes 15-dec-2011 rev. c page 3 of 3 characteristic curves


▲Up To Search▲   

 
Price & Availability of DL4751A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X